Part Number Hot Search : 
30MD61 CRB32E1 LTC4065L 2SA854S 30P124 245W042 GM9015 WRB1215
Product Description
Full Text Search
 

To Download A11ASP12VDC12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
22.8 x 15.3 x 25.8 mm
A1
Features
* * * * * Switching capacity up to 25A Small size and light weight PCB pin and quick connect mounting available Suitable for automobile and lamp accessories QS-9000, ISO-9002 Certified Manufacturing
Contact Data
Contact Arrangement Contact Rating 1A = SPST N.O. 1C = SPDT
Specifications and availability subject to change without notice.
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
< 50 milliohms initial AgSnO2 350W 75VDC 25A
1A : 25A @ 14VDC 1C : 20A @ 14VDC
Coil Data
Coil Voltage VDC Rated 6 12 24 48 Max 7.8 15.6 31.2 62.4 Coil Resistance +/- 10% 1.2W 30 120 480 1920 1.5W 24 96 384 1536 Pick Up Voltage Release Voltage VDC (max) VDC (min) 70% of rated voltage 4.20 8.40 18.00 33.60 10% of rated voltage .6 1.2 2.4 4.8 1.20 or 1.50 10 7 Coil Power W Operate Time ms Release Time ms
General Data
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight
100K cycles, typical 10M cycles, typical 100M min. @ 500VDC 2500V rms min. @ sea level 1500V rms min. @ sea level 100m/s2 for 11 ms 1.27mm double amplitude 10~40Hz 8N (Quick Connect), 4N (PCB pins) -40oC to +85oC -40oC to +155oC 260oC for 5 s 18.5g
Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
A1
Ordering Information
1. Series A1 2. Contact Arrangement 1A = SPST N.O. 1C = SPDT 3. Sealing Option S = Sealed 4. Termination P = PCB Pins Q = Quick Connect 5. Coil Voltage 6VDC 12VDC 24VDC 48VDC 6. Coil Power 1.2 = 1.2W 1.5 = 1.5W 7. Coil Suppression Blank = Standard D = Diode (1N4005) R = Resistor (680 ohms)
** Consult factory if other values are needed
A1
1A
S
Q
12VDC
1.2
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Dimensions
Units = mm
PC Pin Dimensions
Units = mm
Specifications and availability subject to change without notice.
Schematics & PC Layouts
Bottom Views
1A www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
1C


▲Up To Search▲   

 
Price & Availability of A11ASP12VDC12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X